PART |
Description |
Maker |
STP1612PW05MTR STP1612PW05QTR STP1612PW05TTR STP16 |
16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
|
意法半导 STMicroelectronics
|
DM114 DM115 |
(DM115) 8-Bit Constant Current LED Drivers (DM114) 8-Bit Constant Current LED Drivers 8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
|
SiTi ETC[ETC]
|
TB62710FN |
8-Bit Constant-Current LED Driver for Cathode Common LED 8位恒流普通的阴极发光二极管LED驱动
|
Toshiba, Corp.
|
TB62710P TB62710F TB62710FN |
8-Bit Constant-Current LED Driver for Cathode Common LED
|
MARKTECH[Marktech Corporate]
|
M66311FP M66311P |
16-BIT LED DRIVER WITH SHIFT REQISTER AND LATCN 16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
|
Mitsubishi Electric Semiconductor
|
PCA9635 PCA9635PW/S910118 |
LED DISPLAY DRIVER, PDSO28 4.40 MM, PLASTIC, MO-153, SOT361-1, TSSOP-28 16-bit Fm I2C-bus LED driver
|
NXP Semiconductors N.V.
|
TB62726 TB62726F TB62726N |
16-bit Constant-Current LED Driver with Operating Voltage of 3.3 V IC,LED DISPLAY DRIVER,16-SEG,COMMON-ANODE,BICMOS,SDIP,24PIN,PLASTIC
|
Toshiba
|
Q62703-Q1996 Q62703-Q3097 Q62703-Q1871 Q62703-Q148 |
Symbol LED 5 mm T1 3/4 LED / Partly Diffused Symbol LED 5 mm T1 3/4 LED Partly Diffused CYLINDRICAL LED LAMP Symbol LED 5 mm T1 3/4 LED/ Partly Diffused Cermet Potentiometer; Series:3296; Track Resistance:20kohm; Resistance Tolerance: /- 10%; Power Rating:0.5W; Operating Temperature Range:-55 C to 150 C; Resistor Element Material:Cermet; Temperature Coefficient: /-100 ppm RoHS Compliant: No TRIMMER, 25 TURN 2K SINGLE COLOR LED, YELLOW, 5 mm Symbol LED 5 mm T1 3/4 LED, Partly Diffused SINGLE COLOR LED, YELLOW, 5 mm Symbol LED 5 mm T1 3/4 LED, Partly Diffused SINGLE COLOR LED, ORANGE, 5 mm Symbol LED 5 mm T1 3/4 LED, Partly Diffused 符号的LED 5毫米T1 3 / 4的LED,部分漫
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
PCA9532 PCA9532BS PCA9532D PCA9532PW |
16-bit I2C LED dimmer 16-bit I2C-bus LED dimmer
|
NXP Semiconductors
|
CR05BS-8-ET23 CR05BS-8 CR05BS-8-ET13 |
Smartcard RTC; ultra low power oscillator with integrated counter for initiating one time password generation, Uncased die, Die In Waffle Carriers 晶闸管低功率的用 16-bit Fm I2C-bus 100 mA 40 V LED driver, SOT487-1 (TSSOP32), Reel Pack, SMD, 13" 晶闸管低功率的用 8-channel constant current LED driver with output error detection, SOT403-1 (TSSOP16), Reel Pack, SMD, 13" 16-bit Fm I2C-bus 100 mA 40 V LED driver, SOT487-1 (TSSOP32), Reel Pack, SMD, 13" Thyristor Low Power Use
|
Renesas Electronics, Corp. Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|